Part Number Hot Search : 
PNP3638A 2SK2903 AN7715SP 78LR05 KA7924 SGABMDB MT8880CP P0RB0
Product Description
Full Text Search
 

To Download DTA143EE-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
DTA143EE
Features
* * * Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. Only the on/off conditions need to be set for operation, making device design easy
Symbol VCC VIN IO IC(MAX) Pd Tj Tstg Parameter Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature Min ---30 -------55 Typ -50 ---100 -100 150 150 --Max --10 ------150 Unit V V mA mW
PNP Digital Transistors
Absolute maximum ratings @ 25
A
SOT-523
D
3 1 B 2
C
1. IN 2. GND 3. OUT
E
*
Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1
G H J
Electrical Characteristics @ 25
Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT Parameter Input voltage (VCC=-5V, IO=-100A) (VO=-0.3V, IO=-20mA) Output voltage (IO/II=-10mA/-0.5mA Input current (VI=-5V) Output current (VCC=-50V, VI=0) DC current gain (VO=-5V, IO=-10mA) Input resistance Resistance ratio Transition frequency (VCE=-10V, IE=5mA, f=100MHz) Min ---3.0 ------30 3.29 0.8 --Typ ------------4.7 1.0 250 Max -0.5 ---0.3 -1.8 -0.5 --6.11 1.2 --Unit V V V mA A K MHz
K DIMENSIONS INCHES MIN MAX .059 .067 .030 .033 .057 .069 .020 Nominal .035 .043 .000 .004 .028 .031 .004 .008 .010 .014 MM MIN MAX 1.50 1.70 0.75 0.85 1.45 1.75 0.50Nominal 0.90 1.10 .000 .100 .70 0.80 .100 .200 .25 .35
DIM A B C D E G H J K
NOTE
*Marking: 13
www.mccsemi.com
Revision: 3
1 of 3
2009/02/11
DTA143EE
MCC
TM
Micro Commercial Components
www.mccsemi.com
Revision: 3
2 of 3
2009/02/11
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;3Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 3
3 of 3
2009/02/11
3


▲Up To Search▲   

 
Price & Availability of DTA143EE-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X